Part Number Hot Search : 
NKA0505D ATMEG 4063A M3H78FAD 75002 APTGT300 MTA306F 2SK1881
Product Description
Full Text Search
 

To Download AD5330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
2.5 V to 5.5 V, 115 A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs AD5330/AD5331/AD5340/AD5341*
GENERAL DESCRIPTION
FEATURES AD5330: Single 8-Bit DAC in 20-Lead TSSOP AD5331: Single 10-Bit DAC in 20-Lead TSSOP AD5340: Single 12-Bit DAC in 24-Lead TSSOP AD5341: Single 12-Bit DAC in 20-Lead TSSOP Low Power Operation: 115 A @ 3 V, 140 A @ 5 V Power-Down to 80 nA @ 3 V, 200 nA @ 5 V via PD Pin 2.5 V to 5.5 V Power Supply Double-Buffered Input Logic Guaranteed Monotonic by Design Over All Codes Buffered/Unbuffered Reference Input Options Output Range: 0-VREF or 0-2 VREF Power-On Reset to Zero Volts Simultaneous Update of DAC Outputs via LDAC Pin Asynchronous CLR Facility Low Power Parallel Data Interface On-Chip Rail-to-Rail Output Buffer Amplifiers Temperature Range: -40 C to +105 C APPLICATIONS Portable Battery-Powered Instruments Digital Gain and Offset Adjustment Programmable Voltage and Current Sources Programmable Attenuators Industrial Process Control
The AD5330/AD5331/AD5340/AD5341 are single 8-, 10-, and 12-bit DACs. They operate from a 2.5 V to 5.5 V supply consuming just 115 A at 3 V, and feature a power-down mode that further reduces the current to 80 nA. These devices incorporate an on-chip output buffer that can drive the output to both supply rails, while the AD5330, AD5340, and AD5341 allow a choice of buffered or unbuffered reference input. The AD5330/AD5331/AD5340/AD5341 have a parallel interface. CS selects the device and data is loaded into the input registers on the rising edge of WR. The GAIN pin allows the output range to be set at 0 V to VREF or 0 V to 2 x VREF. Input data to the DACs is double-buffered, allowing simultaneous update of multiple DACs in a system using the LDAC pin. An asynchronous CLR input is also provided, which resets the contents of the Input Register and the DAC Register to all zeros. These devices also incorporate a power-on reset circuit that ensures that the DAC output powers on to 0 V and remains there until valid data is written to the device. The AD5330/AD5331/AD5340/AD5341 are available in Thin Shrink Small Outline Packages (TSSOP).
AD5330 FUNCTIONAL BLOCK DIAGRAM
(Other Diagrams Inside)
VREF
VDD
POWER-ON RESET
AD5330
BUF GAIN DB7 . . DB0 CS WR RESET CLR LDAC POWER-DOWN LOGIC INTERFACE LOGIC INPUT REGISTER DAC REGISTER 8-BIT DAC
BUFFER
VOUT
PD
GND
*Protected by U.S. Patent Number 5,969,657; other patents pending.
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2000
AD5330/AD5331/AD5340/AD5341-SPECIFICATIONS
(VDD = 2.5 V to 5.5 V, VREF = 2 V. RL = 2 k
Parameter1 DC PERFORMANCE AD5330 Resolution Relative Accuracy Differential Nonlinearity AD5331 Resolution Relative Accuracy Differential Nonlinearity AD5340/AD5341 Resolution Relative Accuracy Differential Nonlinearity Offset Error Gain Error Lower Deadband5 Upper Deadband Offset Error Drift6 Gain Error Drift6 DC Power Supply Rejection Ratio6 DAC REFERENCE INPUT VREF Input Range VREF Input Impedance
6 3, 4
to GND; CL = 200 pF to GND; all specifications TMIN to TMAX unless otherwise noted.)
B Version2 Typ Max Unit Conditions/Comments
Min
8 0.15 0.02 10 0.5 0.05 12 2 0.2 0.4 0.15 10 10 -12 -5 -60 1 0.25 >10 180 90 -90
1 0.25 4 0.5 16 1 3 1 60 60
Bits LSB LSB Bits LSB LSB Bits LSB LSB % of FSR % of FSR mV mV ppm of FSR/C ppm of FSR/C dB V V M k k dB V min V max mA mA s s A V V V V V V pF V A A
Guaranteed Monotonic By Design Over All Codes
Guaranteed Monotonic By Design Over All Codes
Guaranteed Monotonic By Design Over All Codes
Lower Deadband Exists Only if Offset Error Is Negative VDD = 5 V. Upper Deadband Exists Only if VREF = VDD VDD = 10% Buffered Reference (AD5330, AD5340, and AD5341) Unbuffered Reference Buffered Reference (AD5330, AD5340, and AD5341) Unbuffered Reference. Gain = 1, Input Impedance = RDAC Unbuffered Reference. Gain = 2, Input Impedance = RDAC Frequency = 10 kHz Rail-to-Rail Operation
VDD VDD
Reference Feedthrough OUTPUT CHARACTERISTICS6 Minimum Output Voltage4, 7 Maximum Output Voltage4, 7 DC Output Impedance Short Circuit Current Power-Up Time LOGIC INPUTS6 Input Current VIL, Input Low Voltage
0.001 VDD-0.001 0.5 25 15 2.5 5 1 0.8 0.6 0.5 2.4 2.1 2.0 3 2.5 140 115 5.5 250 200
VDD = 5 V VDD = 3 V Coming Out of Power-Down Mode. VDD = 5 V Coming Out of Power-Down Mode. VDD = 3 V
VIH, Input High Voltage
VDD = 5 V 10% VDD = 3 V 10% VDD = 2.5 V VDD = 5 V 10% VDD = 3 V 10% VDD = 2.5 V
Pin Capacitance POWER REQUIREMENTS VDD IDD (Normal Mode) VDD = 4.5 V to 5.5 V VDD = 2.5 V to 3.6 V
DACs active and excluding load currents. Unbuffered Reference. VIH = VDD, VIL = GND. IDD increases by 50 A at VREF > VDD - 100 mV. In Buffered Mode extra current is (5 + VREF/RDAC) A, where RDAC is the resistance of the resistor string.
IDD (Power-Down Mode) VDD = 4.5 V to 5.5 V VDD = 2.5 V to 3.6 V
0.2 0.08
1 1
A A
NOTES 1 See Terminology section. 2 Temperature range: B Version: -40C to +105C; typical specifications are at 25C. 3 Linearity is tested using a reduced code range: AD5330 (Code 8 to 255); AD5331 (Code 28 to 1023); AD5340/AD5341 (Code 115 to 4095). 4 DC specifications tested with output unloaded. 5 This corresponds to x codes. x = Deadband voltage/LSB size. 6 Guaranteed by design and characterization, not production tested. 7 In order for the amplifier output to reach its minimum voltage, Offset Error must be negative. In order for the amplifier output to reach its maximum voltage, V REF = VDD and "Offset plus Gain" Error must be positive. Specifications subject to change without notice.
-2-
REV. 0
AD5330/AD5331/AD5340/AD5341 AC CHARACTERISTICS1 unless otherwise noted.)
Parameter
2
(VDD = 2.5 V to 5.5 V. RL = 2 k
to GND; CL = 200 pF to GND; all specifications TMIN to TMAX
B Version3 Min Typ Max 6 7 8 8 0.7 6 0.5 200 -70 8 9 10 10
Unit s s s s V/s nV-s nV-s kHz dB
Conditions/Comments VREF = 2 V. See Figure 20 1/4 Scale to 3/4 Scale Change (40 H to C0 H) 1/4 Scale to 3/4 Scale Change (100 H to 300 H) 1/4 Scale to 3/4 Scale Change (400 H to C00 H) 1/4 Scale to 3/4 Scale Change (400 H to C00 H) 1 LSB Change Around Major Carry VREF = 2 V 0.1 V p-p. Unbuffered Mode VREF = 2.5 V 0.1 V p-p. Frequency = 10 kHz
Output Voltage Settling Time AD5330 AD5331 AD5340 AD5341 Slew Rate Major Code Transition Glitch Energy Digital Feedthrough Multiplying Bandwidth Total Harmonic Distortion
NOTES 1 Guaranteed by design and characterization, not production tested. 2 See Terminology section. 3 Temperature range: B Version: -40C to +105C; typical specifications are at 25C. Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2, 3 (V
Parameter t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t11 t12 t13 Limit at TMIN, TMAX 0 0 20 5 4.5 5 5 4.5 5 4.5 20 20 50
DD
= 2.5 V to 5.5 V, All specifications TMIN to TMAX unless otherwise noted.)
Unit ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min Condition/Comments CS to WR Setup Time CS to WR Hold Time WR Pulsewidth Data, GAIN, BUF, HBEN Setup Time Data, GAIN, BUF, HBEN Hold Time Synchronous Mode. WR Falling to LDAC Falling. Synchronous Mode. LDAC Falling to WR Rising. Synchronous Mode. WR Rising to LDAC Rising. Asynchronous Mode. LDAC Rising to WR Rising. Asynchronous Mode. WR Rising to LDAC Falling. LDAC Pulsewidth CLR Pulsewidth Time Between WR Cycles
NOTES 1 Guaranteed by design and characterization, not production tested. 2 All input signals are specified with tr = tf = 5 ns (10% to 90% of V DD) and timed from a voltage level of (V IL + VIH)/2. 3 See Figure 1.
t1
CS
t2 t3 t 13 t5
WR DATA, GAIN, BUF, HBEN
t4
t6
LDAC
1
t7 t9
t8
t 10
t 11
LDAC2
t 12
CLR NOTES: 1 SYNCHRONOUS LDAC UPDATE MODE 2 ASYNCHRONOUS LDAC UPDATE MODE
Figure 1. Parallel Interface Timing Diagram
REV. 0
-3-
AD5330/AD5331/AD5340/AD5341
ABSOLUTE MAXIMUM RATINGS*
(TA = 25C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V Digital Input Voltage to GND . . . . . . . -0.3 V to VDD + 0.3 V Digital Output Voltage to GND . . . . . -0.3 V to VDD + 0.3 V Reference Input Voltage to GND . . . . -0.3 V to VDD + 0.3 V VOUT to GND . . . . . . . . . . . . . . . . . . . -0.3 V to VDD + 0.3 V Operating Temperature Range Industrial (B Version) . . . . . . . . . . . . . . . -40C to +105C Storage Temperature Range . . . . . . . . . . . . -65C to +150C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150C TSSOP Package Power Dissipation . . . . . . . . . . . . . . . (TJ max - TA)/JA mW JA Thermal Impedance (20-Lead TSSOP) . . . . . 143C/W JA Thermal Impedance (24-Lead TSSOP) . . . . . 128C/W JA Thermal Impedance (20-Lead TSSOP) . . . . . . 45C/W JC Thermal Impedance (24-Lead TSSOP) . . . . . . 42C/W
Reflow Soldering Peak Temperature . . . . . . . . . . . . . . . . . . . . . 220 +5/-0C Time at Peak Temperature . . . . . . . . . . . . 10 sec to 40 sec
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model AD5330BRU AD5331BRU AD5340BRU AD5341BRU
Temperature Range -40C to +105C -40C to +105C -40C to +105C -40C to +105C
Package Description TSSOP (Thin Shrink Small Outline Package) TSSOP (Thin Shrink Small Outline Package) TSSOP (Thin Shrink Small Outline Package) TSSOP (Thin Shrink Small Outline Package)
Package Option RU-20 RU-20 RU-24 RU-20
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD5330/AD5331/AD5340/AD5341 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
-4-
REV. 0
AD5330/AD5331/AD5340/AD5341
AD5330 FUNCTIONAL BLOCK DIAGRAM
VREF VDD
BUF 1
20 19 18 17
AD5330 PIN CONFIGURATION
DB7 DB6 DB5 DB4 DB3
POWER-ON RESET
AD5330
NC 2 VREF 3
BUF GAIN DB7 . . DB0 CS WR RESET CLR LDAC POWER-DOWN LOGIC INTERFACE LOGIC INPUT REGISTER DAC REGISTER 8-BIT DAC
VOUT 4 GND 5
8-BIT
AD5330
16
BUFFER
VOUT
TOP VIEW 15 DB 2 (Not to Scale) 14 DB1 WR 7 CS 6 GAIN 8 CLR 9 LDAC 10
13 12 11
DB0 VDD PD
NC = NO CONNECT
PD
GND
AD5330 PIN FUNCTION DESCRIPTIONS
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13-20
Mnemonic BUF NC VREF VOUT GND CS WR GAIN CLR LDAC PD VDD DB0-DB7
Function Buffer Control Pin. This pin controls whether the reference input to the DAC is buffered or unbuffered. No Connect. Reference Input. Output of DAC. Buffered output with rail-to-rail operation. Ground reference point for all circuitry on the part. Active Low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface. Active Low Write Input. This is used in conjunction with CS to write data to the parallel interface. Gain Control Pin. This controls whether the output range from the DAC is 0-VREF or 0-2 VREF. Asynchronous active low control input that clears all input registers and DAC registers to zero. Active low control input that updates the DAC registers with the contents of the input registers. Power-Down Pin. This active low control pin puts the DAC into power-down mode. Power Supply Input. These parts can operate from 2.5 V to 5.5 V and the supply should be decoupled with a 10 F capacitor in parallel with a 0.1 F capacitor to GND. Eight Parallel Data Inputs. DB7 is the MSB of these eight bits.
REV. 0
-5-
AD5330/AD5331/AD5340/AD5341
AD5331 FUNCTIONAL BLOCK DIAGRAM
VREF VDD
DB8 1
20 19 18 17
AD5331 PIN CONFIGURATION
DB7 DB6 DB5 DB4 DB3
POWER-ON RESET BUF DB9 . . DB0 CS WR CLR LDAC RESET INPUT REGISTER INTERFACE LOGIC DAC REGISTER 10-BIT DAC
AD5331
DB9 VREF
2 3
VOUT 4 GND 5
10-BIT
AD5331
16
BUFFER
VOUT
TOP VIEW 15 DB 2 (Not to Scale) 14 DB1 WR 7 CS 6 GAIN 8 CLR LDAC
9 10 13 12 11
DB0 VDD PD
POWER-DOWN LOGIC
PD
GND
AD5331 PIN FUNCTION DESCRIPTIONS
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13-20
Mnemonic DB8 DB9 VREF VOUT GND CS WR GAIN CLR LDAC PD VDD DB0-DB7
Function Parallel Data Input. Most Significant Bit of Parallel Data Input. Unbuffered Reference Input. Output of DAC. Buffered output with rail-to-rail operation. Ground reference point for all circuitry on the part. Active Low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface. Active Low Write Input. This is used in conjunction with CS to write data to the parallel interface. Gain Control Pin. This controls whether the output range from the DAC is 0-VREF or 0-2 VREF. Active low control input that clears all input registers and DAC registers to zero. Active low control input that updates the DAC registers with the contents of the input registers. Power-Down Pin. This active low control pin puts the DAC into power-down mode. Power Supply Input. These parts can operate from 2.5 V to 5.5 V and the supply should be decoupled with a 10 F capacitor in parallel with a 0.1 F capacitor to GND. Eight Parallel Data Inputs.
-6-
REV. 0
AD5330/AD5331/AD5340/AD5341
AD5340 FUNCTIONAL BLOCK DIAGRAM
VREF VDD
AD5340 PIN CONFIGURATION
DB10 1 DB11 2 BUF 3 VREF 4 VOUT 5 12-BIT
24 23 22 21
DB9 DB8 DB7 DB6 DB5
POWER-ON RESET BUF GAIN DB.11 . DB0 CS WR CLR LDAC RESET INTERFACE LOGIC INPUT REGISTER DAC REGISTER 12-BIT DAC
AD5340
BUFFER
VOUT
TOP VIEW 19 DB4 GND 7 (Not to Scale) 18 DB3 NC 6 CS 8 WR 9 GAIN 10 CLR 11
17 16 15 14 13
AD5340
20
DB2 DB1 DB0 VDD PD
POWER-DOWN LOGIC
LDAC 12
NC = NO CONNECT
PD
GND
AD5340 PIN FUNCTION DESCRIPTIONS
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15-24
Mnemonic DB10 DB11 BUF VREF VOUT NC GND CS WR GAIN CLR LDAC PD VDD DB0-DB9
Function Parallel Data Input. Most Significant Bit of Parallel Data Input. Buffer Control Pin. This pin controls whether the reference input to the DAC is buffered or unbuffered. Reference Input. Output of DAC. Buffered output with rail-to-rail operation. No Connect. Ground reference point for all circuitry on the part. Active Low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface. Active Low Write Input. This is used in conjunction with CS to write data to the parallel interface. Gain Control Pin. This controls whether the output range from the DAC is 0-VREF or 0-2 VREF. Asynchronous active low control input that clears all input registers and DAC registers to zero. Active low control input that updates the DAC registers with the contents of the input registers. Power-Down Pin. This active low control pin puts the DAC into power-down mode. Power Supply Input. These parts can operate from 2.5 V to 5.5 V and the supply should be decoupled with a 10 F capacitor in parallel with a 0.1 F capacitor to GND. 10 Parallel Data Inputs.
REV. 0
-7-
AD5330/AD5331/AD5340/AD5341
AD5341 FUNCTIONAL BLOCK DIAGRAM
VREF VDD
HBEN 1
20 DB7 19 DB6 18 DB5 17 DB4
AD5341 PIN CONFIGURATION
BUF GAIN DB7 . . DB0 HBEN CS WR CLR LDAC INTERFACE LOGIC
POWER-ON RESET HIGH BYTE REGISTER
AD5341
BUF 2 VREF 3
DAC REGISTER 12-BIT DAC
VOUT 4 GND 5
12-BIT
AD5341
16 DB3
LOW BYTE REGISTER
BUFFER
VOUT
TOP VIEW 15 DB 2 (Not to Scale) 14 DB1 WR 7 CS 6 GAIN 8
13 DB0 12 VDD 11 PD
RESET POWER-DOWN LOGIC
CLR 9 LDAC 10
PD
GND
AD5341 PIN FUNCTION DESCRIPTIONS
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13-20
Mnemonic HBEN BUF VREF VOUT GND CS WR GAIN CLR LDAC PD VDD DB0-DB7
Function High Byte Enable Pin. This pin is used when writing to the device to determine if data is written to the high byte register or the low byte register. Buffer Control Pin. This pin controls whether the reference input to the DAC is buffered or unbuffered. Reference Input. Output of DAC. Buffered output with rail-to-rail operation. Ground reference point for all circuitry on the part. Active low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface. Active Low Write Input. This is used in conjunction with CS to write data to the parallel interface. Gain Control Pin. This controls whether the output range from the DAC is 0-VREF or 0-2 VREF. Asynchronous active low control input that clears all input registers and DAC registers to zero. Active low control input that updates the DAC registers with the contents of the input registers. Power-Down Pin. This active low control pin puts the DAC into power-down mode. Power Supply Input. These parts can operate from 2.5 V to 5.5 V and the supply should be decoupled with a 10 F capacitor in parallel with a 0.1 F capacitor to GND. Eight Parallel Data Inputs. DB7 is the MSB of these eight bits.
-8-
REV. 0
AD5330/AD5331/AD5340/AD5341
TERMINOLOGY
RELATIVE ACCURACY
For the DAC, Relative Accuracy or Integral Nonlinearity (INL) is a measure of the maximum deviation, in LSBs, from a straight line passing through the actual endpoints of the DAC transfer function. Typical INL versus Code plot can be seen in Figures 5, 6, and 7.
DIFFERENTIAL NONLINEARITY
OUTPUT VOLTAGE
GAIN ERROR AND OFFSET ERROR
ACTUAL IDEAL
Differential Nonlinearity (DNL) is the difference between the measured change and the ideal 1 LSB change between any two adjacent codes. A specified differential nonlinearity of 1 LSB maximum ensures monotonicity. This DAC is guaranteed monotonic by design. Typical DNL versus Code plot can be seen in Figures 8, 9, and 10.
GAIN ERROR
POSITIVE OFFSET DAC CODE
This is a measure of the span error of the DAC (including any error in the gain of the buffer amplifier). It is the deviation in slope of the actual DAC transfer characteristic from the ideal expressed as a percentage of the full-scale range. This is illustrated in Figure 2.
OFFSET ERROR
Figure 3. Positive Offset Error and Gain Error
GAIN ERROR AND OFFSET ERROR
This is a measure of the offset error of the DAC and the output amplifier. It is expressed as a percentage of the full-scale range. If the offset voltage is positive, the output voltage will still be positive at zero input code. This is shown in Figure 3. Because the DACs operate from a single supply, a negative offset cannot appear at the output of the buffer amplifier. Instead, there will be a code close to zero at which the amplifier output saturates (amplifier footroom). Below this code there will be a deadband over which the output voltage will not change. This is illustrated in Figure 4.
OUTPUT VOLTAGE ACTUAL IDEAL
NEGATIVE OFFSET
DAC CODE
POSITIVE GAIN ERROR NEGATIVE GAIN ERROR OUTPUT VOLTAGE
AMPLIFIER FOOTROOM (~1mV)
DEADBAND CODES
ACTUAL IDEAL
NEGATIVE OFFSET
Figure 4. Negative Offset Error and Gain Error
DAC CODE
Figure 2. Gain Error
REV. 0
-9-
AD5330/AD5331/AD5340/AD5341
OFFSET ERROR DRIFT DIGITAL FEEDTHROUGH
This is a measure of the change in Offset Error with changes in temperature. It is expressed in (ppm of full-scale range)/C.
GAIN ERROR DRIFT
This is a measure of the change in Gain Error with changes in temperature. It is expressed in (ppm of full-scale range)/C.
POWER-SUPPLY REJECTION RATIO (PSRR)
Digital Feedthrough is a measure of the impulse injected into the analog output of the DAC from the digital input pins of the device, but is measured when the DAC is not being written to (CS held high). It is specified in nV secs and is measured with a full-scale change on the digital input pins, i.e., from all 0s to all 1s and vice versa.
MULTIPLYING BANDWIDTH
This indicates how the output of the DAC is affected by changes in the supply voltage. PSRR is the ratio of the change in VOUT to a change in VDD for full-scale output of the DAC. It is measured in dBs. VREF is held at 2 V and VDD is varied 10%.
REFERENCE FEEDTHROUGH
The amplifiers within the DAC have a finite bandwidth. The Multiplying Bandwidth is a measure of this. A sine wave on the reference (with full-scale code loaded to the DAC) appears on the output. The Multiplying Bandwidth is the frequency at which the output amplitude falls to 3 dB below the input.
TOTAL HARMONIC DISTORTION
This is the ratio of the amplitude of the signal at the DAC output to the reference input when the DAC output is not being updated (i.e., LDAC is high). It is expressed in dBs.
MAJOR-CODE TRANSITION GLITCH ENERGY
This is the difference between an ideal sine wave and its attenuated version using the DAC. The sine wave is used as the reference for the DAC and the THD is a measure of the harmonics present on the DAC output. It is measured in dBs.
Major-Code Transition Glitch Energy is the energy of the impulse injected into the analog output when the DAC changes state. It is normally specified as the area of the glitch in nV secs and is measured when the digital code is changed by 1 LSB at the major carry transition (011 . . . 11 to 100 . . . 00 or 100 . . . 00 to 011 . . . 11).
-10-
REV. 0
Typical Performance Characteristics- AD5330/AD5331/AD5340/AD5341
1.0 TA = 25 C VDD = 5V
INL ERROR - LSBs
3
TA = 25 C VDD = 5V
12 TA = 25 C VDD = 5V
2 INL ERROR - LSBs
8
INL ERROR - LSBs
0.5
1
4 0
0
0 -1
-4
-0.5
-2
-8 -12
-1.0
0
50
100
150 CODE
200
250
-3
0
200
400 600 CODE
800
1000
0
1000
2000 CODE
3000
4000
Figure 5. AD5330 Typical INL Plot
Figure 6. AD5331 Typical INL Plot
Figure 7. AD5340 Typical INL Plot
0.3 TA = 25 C VDD = 5V
DNL ERROR - LSBs
0.6 0.4 TA = 25 C VDD = 5V
DNL ERROR - LSBs
1.0 TA = 25 C VDD = 5V 0.5
0.2
DNL ERROR - LSBs
0.1 0
0.2
0
0
-0.1
-0.2
-0.5
-0.2 -0.3
-0.4
0
50
100 150 CODE
200
250
-0.6
0
200
400
600 CODE
800
1000
-1.0
0
1000
2000 CODE
3000
4000
Figure 8. AD5330 Typical DNL Plot
Figure 9. AD5331 Typical DNL Plot
Figure 10. AD5340 Typical DNL Plot
1.00 0.75 0.50 ERROR - LSBs
ERROR - LSBs
1.00
1.0 VDD = 5V VREF = 3V 0.5 MAX DNL MAX INL VDD = 5V VREF = 2V
VDD = 5V TA = 25 C
0.75 0.50
0.00 -0.25 -0.50 -0.75 -1.00
MAX INL MAX DNL MIN DNL MIN INL
0 -0.25 MIN INL -0.50 -0.75 -1.00 -40 MIN DNL
ERROR - %
0.25
0.25
GAIN ERROR 0.0
OFFSET ERROR -0.5
2
3 VREF - V
4
5
0
40 80 TEMPERATURE - C
120
-1.0 -40
0
40 80 TEMPERATURE - C
120
Figure 11. AD5330 INL and DNL Error vs. V REF
Figure 12. AD5330 INL Error and DNL Error vs. Temperature
Figure 13. AD5330 Offset Error and Gain Error vs. Temperature
REV. 0
-11-
AD5330/AD5331/AD5340/AD5341
0.2 0.1 0
ERROR - %
TA = 25 C VREF = 2V GAIN ERROR
5
5V SOURCE
300 TA = 25 C VREF = 2V VDD = 5.5V
4
3V SOURCE
250
IDD - A
-0.1 -0.2 -0.3 -0.4 -0.5 -0.6
OFFSET ERROR
VOUT - Volts
200
3
150 VDD = 3.6V 100
2
1
5V SINK
3V SINK
50 0 ZERO-SCALE DAC CODE
0
1
2
4 3 VDD - Volts
5
6
0
0
1 3 4 2 5 SINK/SOURCE CURRENT - mA
6
FULL-SCALE
Figure 14. Offset Error and Gain Error vs. V DD
Figure 15. V OUT Source and Sink Current Capability
Figure 16. Supply Current vs. DAC Code
300 TA = 25 C
0.5 TA = 25 C 0.4
1800 TA = 25 C 1600 1400 1200
200
IDD - A
IDD -
IDD - A
A
0.3
1000 800 600
VDD = 5V
0.2
100
0.1
400 200 VDD = 3V 1 2 3 VLOGIC - Volts 4 5
0 2.5
3.0
3.5
4.0 4.5 VDD - Volts
5.0
5.5
0 2.5
3.0
3.5
4.0 4.5 VDD - Volts
5.0
5.5
0 0
Figure 17. Supply Current vs. Supply Voltage
Figure 18. Power-Down Current vs. Supply Voltage
Figure 19. Supply Current vs. Logic Input Voltage
VDD = 5V TA = 25 C CH2 CLK
CH1
TA = 25 C VDD = 5V VREF = 2V VDD
TA = 25 C VDD = 5V VREF = 2V
CH1
VOUTA
VOUT
VOUTA
PD
CH1
CH2
CH2
CH1 2V, CH2 200mV, TIME BASE = 200 s/DIV
CH1 1V, CH2 5V, TIME BASE = 5 s/DIV
CH1 500mV, CH2 5V, TIME BASE = 1 s/DIV
Figure 20. Half-Scale Settling (1/4 to 3/4 Scale Code Change)
Figure 21. Power-On Reset to 0 V
Figure 22. Exiting Power-Down to Midscale
-12-
REV. 0
AD5330/AD5331/AD5340/AD5341
0.917 0.916 0.915 0.914 0.913 0.912 0.911 0.910 0.909 0.908 0.907 0.906 0.905 0.904 0.903 250ns/DIV
10 0 -10 -20
FREQUENCY
VDD = 3V VDD = 5V
dB
-30 -40 -50 -60 0.01
80 90 100 110 120 130 140 150 160 170 180 190 200
IDD - A
0.1
1 10 100 FREQUENCY - kHz
1k
10k
Figure 23. IDD Histogram with V DD = 3 V and V DD = 5 V
0.4 VDD = 5V
FULL-SCALE ERROR - %FSR
Figure 24. AD5340 Major-Code Transition Glitch Energy
Figure 25. Multiplying Bandwidth (Small-Signal Frequency Response)
TA = 25 C
0.2
0
-0.2 0
1
2 3 VREF - Volts
4
5
Figure 26. Full-Scale Error vs. V REF
FUNCTIONAL DESCRIPTION
where: D = decimal equivalent of the binary code which is loaded to the DAC register: 0-255 for AD5330 (8 Bits) 0-1023 for AD5331 (10 Bits) 0-4095 for AD5340/AD5341 (12 Bits) N = DAC resolution Gain = Output Amplifier Gain (1 or 2)
VREF
The AD5330/AD5331/AD5340/AD5341 are single resistor-string DACs fabricated on a CMOS process with resolutions of 8, 10, 12, and 12 bits, respectively. They are written to using a parallel interface. They operate from single supplies of 2.5 V to 5.5 V and the output buffer amplifiers offer rail-to-rail output swing. The AD5330, AD5340, and AD5341 have a reference input that may be buffered to draw virtually no current from the reference source. The reference input of the AD5331 is unbuffered. The devices have a power-down feature that reduces current consumption to only 80 nA @ 3 V.
Digital-to-Analog Section
The architecture of one DAC channel consists of a reference buffer and a resistor-string DAC followed by an output buffer amplifier. The voltage at the VREF pin provides the reference voltage for the DAC. Figure 27 shows a block diagram of the DAC architecture. Since the input coding to the DAC is straight binary, the ideal output voltage is given by:
VOUT = VREF x D x Gain 2N
REFERENCE BUFFER GAIN INPUT REGISTER DAC REGISTER RESISTOR STRING
BUF
VOUT OUTPUT BUFFER AMPLIFIER
Figure 27. Single DAC Channel Architecture
REV. 0
-13-
AD5330/AD5331/AD5340/AD5341
Resistor String PARALLEL INTERFACE
The resistor string section is shown in Figure 28. It is simply a string of resistors, each of value R. The digital code loaded to the DAC register determines at what node on the string the voltage is tapped off to be fed into the output amplifier. The voltage is tapped off by closing one of the switches connecting the string to the amplifier. Because it is a string of resistors, it is guaranteed monotonic.
VREF R
The AD5330, AD5331, and AD5340 load their data as a single 8-, 10-, or 12-bit word, while the AD5341 loads data as a low byte of eight bits and a high byte containing four bits.
Double-Buffered Interface
The AD5330/AD5331/AD5340/AD5341 DACs all have doublebuffered interfaces consisting of an input register and a DAC register. DAC data, BUF, and GAIN inputs are written to the input register under control of the Chip Select (CS) and Write (WR). Access to the DAC register is controlled by the LDAC function. When LDAC is high, the DAC register is latched and the input register may change state without affecting the contents of the DAC register. However, when LDAC is brought low, the DAC register becomes transparent and the contents of the input register are transferred to it. The gain and buffer control signals are also double-buffered and are only updated when LDAC is taken low. Double-buffering is also useful where the DAC data is loaded in two bytes, as in the AD5341, because it allows the whole data word to be assembled in parallel before updating the DAC register. This prevents spurious outputs that could occur if the DAC register were updated with only the high byte or the low byte. These parts contain an extra feature whereby the DAC register is not updated unless its input register has been updated since the last time that LDAC was brought low. Normally, when LDAC is brought low, the DAC register is filled with the contents of the input register. In the case of the AD5330/AD5331/ AD5340/AD5341, the part will only update the DAC register if the input register has been changed since the last time the DAC register was updated. This removes unnecessary crosstalk.
Clear Input (CLR)
R TO OUTPUT AMPLIFIER
R
R
R
Figure 28. Resistor String
DAC Reference Input
There is a reference input pin for the DAC. The reference input is buffered on the AD5330/AD5340/AD5341 but can be configured as unbuffered also. The reference input of the AD5331 is unbuffered. The buffered/unbuffered option is controlled by the BUF pin. In buffered mode (BUF = 1), the current drawn from an external reference voltage is virtually zero as the impedance is at least 10 M. The reference input range is 1 V to 5 V with a 5 V supply. In unbuffered mode (BUF = 0), the user can have a reference voltage as low as 0.25 V and as high as VDD since there is no restriction due to headroom and footroom of the reference amplifier. The impedance is still large at typically 180 k for 0-VREF mode and 90 k for 0-2 VREF mode. If there is an external buffered reference (e.g., REF192) there is no need to use the on-chip buffer.
Output Amplifier
CLR is an active low, asynchronous clear that resets the input and DAC registers.
Chip Select Input (CS)
CS is an active low input that selects the device.
Write Input (WR)
WR is an active low input that controls writing of data to the device. Data is latched into the input register on the rising edge of WR. Load DAC Input (LDAC) LDAC transfers data from the input register to the DAC register (and hence updates the outputs). Use of the LDAC function enables double-buffering of the DAC data, GAIN, and BUF. There are two LDAC modes: Synchronous Mode: In this mode the DAC register is updated after new data is read in on the rising edge of the WR input. LDAC can be tied permanently low or pulsed as in Figure 1. Asynchronous Mode: In this mode the outputs are not updated at the same time that the input register is written to. When LDAC goes low, the DAC register is updated with the contents of the input register.
High-Byte Enable Input (HBEN)
The output buffer amplifier is capable of generating output voltages to within 1 mV of either rail. Its actual range depends on VREF, GAIN, the load on VOUT, and offset error. If a gain of 1 is selected (GAIN = 0), the output range is 0.001 V to VREF. If a gain of 2 is selected (GAIN = 1), the output range is 0.001 V to 2 VREF. However, because of clamping, the maximum output is limited to VDD - 0.001 V. The output amplifier is capable of driving a load of 2 k to GND or VDD, in parallel with 500 pF to GND or VDD. The source and sink capabilities of the output amplifier can be seen in Figure 15. The slew rate is 0.7 V/s with a half-scale settling time to 0.5 LSB (at eight bits) of 6 s with the output unloaded. See Figure 20.
High-Byte Enable is a control input on the AD5341 only that determines if data is written to the high-byte input register or the low-byte input register.
-14-
REV. 0
AD5330/AD5331/AD5340/AD5341
The low data byte of the AD5341 consists of data bits 0 to 7 at data inputs DB0 to DB7, while the high byte consists of data bits 8 to 11 at data inputs DB0 to DB3 as shown in Figure 29. DB4 to DB7 are ignored during a high-byte write, but they may be used for data to set up the reference input as buffered/ unbuffered, and buffer amplifier gain. See Figure 33.
HIGH BYTE X X X X DB11 DB10 DB9 DB8
reduced when the DAC is not in use by putting it into powerdown mode, which is selected by taking pin PD low. When the PD pin is high, the DAC works normally with a typical power consumption of 140 A at 5 V (115 A at 3 V). In power-down mode, however, the supply current falls to 200 nA at 5 V (80 nA at 3 V) when the DAC is powered-down. Not only does the supply current drop, but the output stage is also internally switched from the output of the amplifier making it open-circuit. This has the advantage that the output is three-state while the part is in power-down mode and provides a defined input condition for whatever is connected to the output of the DAC amplifier. The output stage is illustrated in Figure 30.
LOW BYTE DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 X = UNUSED BIT
Figure 29. Data Format for AD5341
POWER-ON RESET
The AD5330/AD5331/AD5340/AD5341 are provided with a power-on reset function, so that they power up in a defined state. The power-on state is: * * * * Normal Operation Reference Input Unbuffered 0 - VREF Output Range Output Voltage Set to 0 V
RESISTOR STRING DAC
AMPLIFIER
VOUT
POWER-DOWN CIRCUITRY
Figure 30. Output Stage During Power-Down
Both input and DAC registers are filled with zeros and remain so until a valid write sequence is made to the device. This is particularly useful in applications where it is important to know the state of the DAC outputs while the device is powering up.
POWER-DOWN MODE
The AD5330/AD5331/AD5340/AD5341 have low power consumption, dissipating only 0.35 mW with a 3 V supply and 0.7 mW with a 5 V supply. Power consumption can be further
The bias generator, the output amplifier, the resistor string, and all other associated linear circuitry are shut down when the power-down mode is activated. However, the contents of the registers are unaffected when in power-down. The time to exit power-down is typically 2.5 s for VDD = 5 V and 5 s when VDD = 3 V. This is the time from a rising edge on the PD pin to when the output voltage deviates from its powerdown voltage. See Figure 22.
Table I. AD5330/AD5331/AD5340 Truth Table
CLR 1 1 0 1 1 1
X = don't care.
LDAC 1 1 X 1 0 0
CS 1 X X 0 0 X
WR X 1 X 01 01 X
Function No Data Transfer No Data Transfer Clear All Registers Load Input Register Load Input Register and DAC Register Update DAC Register
Table II. AD5341 Truth Table
CLR 1 1 0 1 1 1 1 1
X = don't care.
LDAC 1 1 X 1 1 0 0 0
CS 1 X X 0 0 0 0 X
WR X 1 X 01 01 01 01 X
HBEN X X X 0 1 0 1 X
Function No Data Transfer No Data Transfer Clear All Registers Load Low-Byte Input Register Load High-Byte Input Register Load Low-Byte Input Register and DAC Register Load High-Byte Input Register and DAC Register Update DAC Register
REV. 0
-15-
AD5330/AD5331/AD5340/AD5341
SUGGESTED DATABUS FORMATS
In most applications GAIN and BUF are hard-wired. However, if more flexibility is required, they can be included in a databus. This enables you to software program GAIN, giving the option of doubling the resolution in the lower half of the DAC range. In a bused system, GAIN and BUF may be treated as data inputs since they are written to the device during a write operation and take effect when LDAC is taken low. This means that the reference buffers and the output amplifier gain of multiple DAC devices can be controlled using common GAIN and BUF lines. In the case of the AD5330 this means that the databus must be wider than eight bits. The AD5331 and AD5340 databuses must be at least 10 and 12 bits wide respectively and are best suited to a 16-bit databus system. Examples of data formats for putting GAIN and BUF on a 16bit databus are shown in Figure 31. Note that any unused bits above the actual DAC data may be used for BUF and GAIN. DAC devices can be controlled using common GAIN and BUF lines.
AD5330
BUF GAIN X X X X X X DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
APPLICATIONS INFORMATION Typical Application Circuits
The AD5330/AD5331/AD5340/AD5341 can be used with a wide range of reference voltages, especially if the reference inputs are configured to be unbuffered, in which case the devices offer full, one-quadrant multiplying capability over a reference range of 0.25 V to VDD. More typically, these devices may be used with a fixed, precision reference voltage. Figure 34 shows a typical setup for the devices when using an external reference connected to the unbuffered reference inputs. If the reference inputs are unbuffered, the reference input range is from 0.25 V to VDD, but if the on-chip reference buffers are used, the reference range is reduced. Suitable references for 5 V operation are the AD780 and REF192. For 2.5 V operation, a suitable external reference would be the AD589, a 1.23 V bandgap reference.
VDD = 2.5V TO 5.5V
0.1 F VIN
10 F
AD5331
BUF GAIN X X X X DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
EXT REF
GND
VDD VOUT VREF VOUT
AD5340
BUF GAIN X X DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 X = UNUSED BIT
AD780/REF192 WITH VDD = 5V OR AD589 WITH VDD = 2.5V
AD5330/AD5331/ AD5340/AD5341
Figure 31. GAIN and BUF Data on a 16-Bit Bus
GND
The AD5341 is a 12-bit device that uses byte load, so only four bits of the high byte are actually used as data. Two of the unused bits can be used for GAIN and BUF data by connecting them to the GAIN and BUF inputs; e.g., Bits 6 and 7, as shown in Figures 32 and 33.
8-BIT DATA BUS DATA INPUTS BUF GAIN LDAC CLR CS WR HBEN
Figure 34. AD5330/AD5331/AD5340/AD5341 Using External Reference
Driving VDD From the Reference Voltage
DB6 DB7
AD5341
If an output range of zero to VDD is required, the simplest solution is to connect the reference inputs to VDD. As this supply may not be very accurate, and may be noisy, the devices may be powered from the reference voltage, for example using a 5 V reference such as the ADM663 or ADM666, as shown in Figure 35.
6V TO 16V
0.1 F
10 F
Figure 32. AD5341 Data Format for Byte Load with GAIN and BUF Data on 8-Bit Bus
VIN ADM663/ADM666 SENSE VOUT(2) VSET GND SHDN 0.1 F VDD VREF VOUT
In this case, the low byte is written first in a write operation with HBEN = 0. Bits 6 and 7 of DAC data will be written into GAIN and BUF registers but will have no effect. The high byte is then written. Only the lower four bits of data are written into the DAC high byte register, so Bits 6 and 7 can be GAIN and BUF data. LDAC is used to update the DAC, GAIN and BUF values.
HIGH BYTE BUF GAIN X X DB11 DB10 DB9 DB8
AD5330/AD5331/ AD5340/AD5341
GND
Figure 35. Using an ADM663/ADM666 as Power and Reference to AD5330/AD5331/AD5340/AD5341
LOW BYTE DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 X = UNUSED BIT
Figure 33. AD5341 with GAIN and BUF Data on 8-Bit Bus
-16-
REV. 0
AD5330/AD5331/AD5340/AD5341
Bipolar Operation Using the AD5330/AD5331/AD5340/AD5341
The AD5330/AD5331/AD5340/AD5341 have been designed for single supply operation, but bipolar operation is achievable using the circuit shown in Figure 36. The circuit shown has been configured to achieve an output voltage range of -5 V < VO < +5 V. Rail-to-rail operation at the amplifier output is achievable using an AD820 or OP295 as the output amplifier. The output voltage for any input code can be calculated as follows:
VO = [(1 + R4/R3) x (R2/(R1 + R2) x (2 x VREF x D/2N)] - R4 x VREF/R3
The 74HC139 is used as a 2- to 4-line decoder to address any of the DACs in the system. To prevent timing errors, the enable input should be brought to its inactive state while the coded address inputs are changing state. Figure 37 shows a diagram of a typical setup for decoding multiple devices in a system. Once data has been written sequentially to all DACs in a system, all the DACs can be updated simultaneously using a common LDAC line. A common CLR line can also be used to reset all DAC outputs to zero.
AD5330/AD5331/ AD5340/AD5341 HBEN WR LDAC CLR HBEN* WR LDAC CLR CS
where: D is the decimal equivalent of the code loaded to the DAC, N is DAC resolution and VREF is the reference voltage input. With: VREF = 2.5 V R1 = R3 = 10 k R2 = R4 = 20 k and VDD = 5 V. VOUT = (10 x D/2N) - 5
VDD = 5V R4 20k 0.1 F 10 F R3 10k VIN EXT REF GND VOUT 0.1 F VREF VDD +5V
ENABLE CODED ADDRESS 1G 1A 74HC139 1B VDD VCC 1Y0 1Y1 1Y2 1Y3
DATA INPUTS
AD5330/AD5331/ AD5340/AD5341 HBEN* WR LDAC CLR CS
DATA INPUTS
DATA BUS
AD5330/AD5331/ AD5340/AD5341 HBEN* WR LDAC CLR CS
5V
DATA INPUTS
AD5330/AD5331/ AD5340/AD5341
VOUT
-5V R1 10k R2 20k
DGND
AD780/REF192 WITH VDD = 5V OR AD589 WITH VDD = 2.5V
AD5330/AD5331/ AD5340/AD5341 HBEN* WR LDAC CLR CS *AD5341 ONLY
GND
DATA INPUTS
Figure 36. Bipolar Operation using the AD5330/AD5331/ AD5340/AD5341
Decoding Multiple AD5330/AD5331/AD5340/AD5341
Figure 37. Decoding Multiple DAC Devices
The CS pin on these devices can be used in applications to decode a number of DACs. In this application, all DACs in the system receive the same data and WR pulses, but only the CS to one of the DACs will be active at any one time, so data will only be written to the DAC whose CS is low. If multiple AD5341s are being used, a common HBEN line will also be required to determine if the data is written to the high-byte or low-byte register of the selected DAC.
REV. 0
-17-
AD5330/AD5331/AD5340/AD5341
Programmable Current Source Power Supply Bypassing and Grounding
Figure 38 shows the AD5330/AD5331/AD5340/AD5341 used as the control element of a programmable current source. In this example, the full-scale current is set to 1 mA. The output voltage from the DAC is applied across the current setting resistor of 4.7 k in series with the 470 adjustment potentiometer, which gives an adjustment of about 5%. Suitable transistors to place in the feedback loop of the amplifier include the BC107 and the 2N3904, which enable the current source to operate from a minimum VSOURCE of 6 V. The operating range is determined by the operating characteristics of the transistor. Suitable amplifiers include the AD820 and the OP295, both having railto-rail operation on their outputs. The current for any digital input code and resistor value can be calculated as follows: I = G x VREF x Where: D mA (2N x R)
G is the gain of the buffer amplifier (1 or 2) D is the digital equivalent of the digital input code N is the DAC resolution (8, 10, or 12 bits) R is the sum of the resistor plus adjustment potentiometer in k
VDD = 5V
In any circuit where accuracy is important, careful consideration of the power supply and ground return layout helps to ensure the rated performance. The printed circuit board on which the AD5330/AD5331/AD5340/AD5341 is mounted should be designed so that the analog and digital sections are separated, and confined to certain areas of the board. If the device is in a system where multiple devices require an AGND-to-DGND connection, the connection should be made at one point only. The star ground point should be established as closely as possible to the device. The AD5330/AD5331/AD5340/AD5341 should have ample supply bypassing of 10 F in parallel with 0.1 F on the supply located as close to the package as possible, ideally right up against the device. The 10 F capacitors are the tantalum bead type. The 0.1 F capacitor should have low Effective Series Resistance (ESR) and Effective Series Inductance (ESI), like the common ceramic types that provide a low impedance path to ground at high frequencies to handle transient currents due to internal logic switching. The power supply lines of the device should use as large a trace as possible to provide low impedance paths and reduce the effects of glitches on the power supply line. Fast switching signals such as clocks should be shielded with digital ground to avoid radiating noise to other parts of the board, and should never be run near the reference inputs. Avoid crossover of digital and analog signals. Traces on opposite sides of the board should run at right angles to each other. This reduces the effects of feedthrough through the board. A microstrip technique is by far the best, but not always possible with a double-sided board. In this technique, the component side of the board is dedicated to ground plane while signal traces are placed on the solder side.
0.1 F
10 F VSOURCE
VIN EXT REF GND VDD VOUT 0.1 F VREF VOUT
5V AD820/ OP295
LOAD
AD5330/AD5331/ AD5340/AD5341
AD780/REF192 WITH VDD = 5V GND
4.7k
470
Figure 38. Programmable Current Source
-18-
REV. 0
AD5330/AD5331/AD5340/AD5341
Table III. Overview of AD53xx Parallel Devices
Part No. SINGLES AD5330 AD5331 AD5340 AD5341 DUALS AD5332 AD5333 AD5342 AD5343 QUADS AD5334 AD5335 AD5336 AD5344
Resolution DNL 8 10 12 12 8 10 12 12 8 10 10 12 0.25 0.5 1.0 1.0 0.25 0.5 1.0 1.0 0.25 0.5 0.5 1.0
VREF Pins 1 1 1 1 2 2 2 1 2 2 4 4
Settling Time 6 s 7 s 8 s 8 s 6 s 7 s 8 s 8 s 6 s 7 s 7 s 8 s
Additional Pin Functions BUF GAIN HBEN CLR
Package TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP
Pins 20 20 24 20 20 24 28 20 24 24 28 28



Table IV. Overview of AD53xx Serial Devices
Part No. SINGLES AD5300 AD5310 AD5320 AD5301 AD5311 AD5321 DUALS AD5302 AD5312 AD5322 AD5303 AD5313 AD5323 QUADS AD5304 AD5314 AD5324 AD5305 AD5315 AD5325 AD5306 AD5316 AD5326 AD5307 AD5317 AD5327
Resolution 8 10 12 8 10 12 8 10 12 8 10 12 8 10 12 8 10 12 8 10 12 8 10 12
No. of DACs 1 1 1 1 1 1 2 2 2 2 2 2 4 4 4 4 4 4 4 4 4 4 4 4
DNL 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0 0.25 0.5 1.0
Interface SPI SPI SPI 2-Wire 2-Wire 2-Wire SPI SPI SPI SPI SPI SPI SPI SPI SPI 2-Wire 2-Wire 2-Wire 2-Wire 2-Wire 2-Wire SPI SPI SPI
Settling Time 4 s 6 s 8 s 6 s 7 s 8 s 6 s 7 s 8 s 6 s 7 s 8 s 6 s 7 s 8 s 6 s 7 s 8 s 6 s 7 s 8 s 6 s 7 s 8 s
Package SOT-23, MicroSOIC SOT-23, MicroSOIC SOT-23, MicroSOIC SOT-23, MicroSOIC SOT-23, MicroSOIC SOT-23, MicroSOIC MicroSOIC MicroSOIC MicroSOIC TSSOP TSSOP TSSOP MicroSOIC MicroSOIC MicroSOIC MicroSOIC MicroSOIC MicroSOIC TSSOP TSSOP TSSOP TSSOP TSSOP TSSOP
Pins 6, 8 6, 8 6, 8 6, 8 6, 8 6, 8 8 8 8 16 16 16 10 10 10 10 10 10 16 16 16 16 16 16
Visit our web-page at http://www.analog.com/support/standard_linear/selection_guides/AD53xx.html
REV. 0
-19-
AD5330/AD5331/AD5340/AD5341
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20-Lead Thin Shrink Small Outline Package TSSOP (RU-20)
0.260 (6.60) 0.252 (6.40)
20
11
0.177 (4.50) 0.169 (4.30) 0.256 (6.50) 0.246 (6.25)
1 10
PIN 1 0.006 (0.15) 0.002 (0.05) 0.0433 (1.10) MAX
SEATING PLANE
0.0256 (0.65) 0.0118 (0.30) BSC 0.0075 (0.19)
0.0079 (0.20) 0.0035 (0.090)
8 0
0.028 (0.70) 0.020 (0.50)
24-Lead Thin Shrink Small Outline Package TSSOP (RU-24)
0.311 (7.90) 0.303 (7.70)
24
13
0.177 (4.50) 0.169 (4.30) 0.256 (6.50) 0.246 (6.25)
1 12
PIN 1 0.006 (0.15) 0.002 (0.05) 0.0433 (1.10) MAX
SEATING PLANE
0.0256 (0.65) 0.0118 (0.30) BSC 0.0075 (0.19)
0.0079 (0.20) 0.0035 (0.090)
8 0
0.028 (0.70) 0.020 (0.50)
-20-
REV. 0
PRINTED IN U.S.A.
C3828-2.5-4/00 (rev. 0)


▲Up To Search▲   

 
Price & Availability of AD5330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X